Part Number Hot Search : 
MP9943 37324 27291SL H040C D2010 R1600 FSH10A09 31030
Product Description
Full Text Search
 

To Download IRHN93250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 91300D
RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
Product Summary
Part Number Radiation Level IRHN9250 100K Rads (Si) IRHN93250 300K Rads (Si) RDS(on) 0.315 0.315 ID -14A -14A
IRHN9250 JANSR2N7423U 200V, P-CHANNEL
REF: MIL-PRF-19500/662 RAD Hard HEXFET TECHNOLOGY
QPL Part Number JANSR2N7423U JANSF2N7423U
TM (R)
International Rectifier's RADHard HEXFETTM technology provides high performance power MOSFETs for space applications. This technology has over a decade of proven performance and reliability in satellite applications. These devices have been characterized for both Total Dose and Single Event Effects (SEE). The combination of low Rdson and low gate charge reduces the power losses in switching applications such as DC to DC converters and motor control. These devices retain all of the well established advantages of MOSFETs such as voltage control, fast switching, ease of paralleling and temperature stability of electrical parameters.
SMD-1
Features:
n n n n n n n n n n
Single Event Effect (SEE) Hardened Low RDS(on) Low Total Gate Charge Proton Tolerant Simple Drive Requirements Ease of Paralleling Hermetically Sealed Surface Mount Ceramic Package Light Weight
Absolute Maximum Ratings
Parameter
ID @ VGS = -12V, TC = 25C ID @ VGS = -12V, TC = 100C IDM PD @ TC = 25C VGS EAS I AR EAR dv/dt TJ TSTG Continuous Drain Current Continuous Drain Current Pulsed Drain Current Max. Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction Storage Temperature Range PCKG Mounting Surface Temp. Weight For footnotes refer to the last page -14 -9.0 -56 150 1.2 20 500 -14 15 -41 -55 to 150 300 ( for 5s) 2.6 (typical)
Pre-Irradiation
Units A
W
W/C
V mJ A mJ V/ns
o
C
g
www.irf.com
1
06/06/03
IRHN9250, JANSR2N7423U
Pre-Irradiation
Electrical Characteristics @ Tj = 25C (Unless Otherwise Specified)
Parameter
BVDSS BVDSS/TJ RDS(on) VGS(th) gfs IDSS Drain-to-Source Breakdown Voltage Temperature Coefficient of Breakdown Voltage Static Drain-to-Source On-State Resistance Gate Threshold Voltage Forward Transconductance Zero Gate Voltage Drain Current
Min
-200 -- -- -- -2.0 4.0 -- -- -- -- -- -- -- -- -- -- -- --
Typ Max Units
-- -0.24 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 4.0 -- -- 0.315 0.33 -4.0 -- -25 -250 -100 100 200 45 85 60 240 225 220 -- V V/C V S( ) A
Test Conditions
VGS = 0V, ID =-1.0mA Reference to 25C, ID = -1.0mA VGS = -12V, ID = -9.0A VGS = -12V, ID = -14A VDS = VGS, ID = -1.0mA VDS >-15V, IDS = -9.0A VDS= -160V ,VGS=0V VDS = -160V, VGS = 0V, TJ = 125C VGS = -20V VGS = 20V VGS =-12V, ID = -14A VDS = -100V VDD = -100V, ID = -14A, VGS =-12V, RG = 2.35
IGSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LS + LD
Gate-to-Source Leakage Forward Gate-to-Source Leakage Reverse Total Gate Charge Gate-to-Source Charge Gate-to-Drain (`Miller') Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Inductance
nA nC
ns
nH
Measured from the center of drain pad to center of source pad VGS = 0V, VDS = -25V f = 1.0MHz
Ciss Coss Crss
Input Capacitance Output Capacitance Reverse Transfer Capacitance
-- -- --
4200 690 160
-- -- --
pF
Source-Drain Diode Ratings and Characteristics
Parameter
IS ISM VSD t rr QRR t on Continuous Source Current (Body Diode) Pulse Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min Typ Max Units
-- -- -- -- -- -- -- -- -- -- -14 -56 -3.6 775 7.2
Test Conditions
A
V n S C
Tj = 25C, IS = -14A, VGS = 0V Tj = 25C, IF = -14A, di/dt -100A/s VDD -50V
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
Thermal Resistance
Parameter
RthJC RthJ-PCB Junction-to-Case Junction-to-PC board
Min Typ Max
-- -- -- 6.6 0.83 --
Units
C/W
Test Conditions
soldered to a 1" square copper-clad board
Note: Corresponding Spice and Saber models are available on the G&S Website. For footnotes refer to the last page
2
www.irf.com
Radiation Characteristics Pre-Irradiation
IRHN9250, JANSR2N7423U
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability. The hardness assurance program at International Rectifier is comprised of two radiation environments. Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both pre- and post-irradiation performance are tested and specified using the same drive circuitry and test conditions in order to provide a direct comparison.
Table 1. Electrical Characteristics @ Tj = 25C, Post Total Dose Irradiation
Parameter
BVDSS VGS(th) IGSS IGSS IDSS RDS(on) RDS(on) VSD Drain-to-Source Breakdown Voltage Gate Threshold Voltage Gate-to-Source Leakage Forward Gate-to-Source Leakage Reverse Zero Gate Voltage Drain Current Static Drain-to-Source On-State Resistance (TO-3) Static Drain-to-Source On-State Resistance (SMD-1) Diode Forward Voltage
100K Rads(Si)1 300 K Rads (Si)2
Units
Test Conditions
VGS = 0V, ID = -1.0mA VGS = VDS, ID = -1.0mA VGS = -20V VGS = 20 V VDS =-160V, VGS =0V VGS = -12V, ID =-9.0A VGS = -12V, ID =-9.0A VGS = 0V, IS = -14A
Min -200 -2.0 -- -- -- -- -- --
Max -- -4.0 -100 100 -25 0.317 0.315 -3.6
Min -200 -2.0 -- -- -- -- -- --
Max -- V -5.0 -100 nA 100 -25 A 0.317 0.315 -3.6 V
1. Part number IRHN9250 (JANSR2N7423U) 2. Part numbers IRHN93250 (JANSF2N7423U)
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
Table 2. Single Event Effect Safe Operating Area
Ion Cu Br LET MeV/(mg/cm2)) 28.0 36.8 Energy (MeV) 285 305 VDS (V) Range (m) @VGS=0V @VGS=5V @VGS=10V 43 -200 -200 -200 39 -200 -200 -160 @VGS=15V -200 -75 @VGS=20V -- --
-250 -200 VDS -150 -100 -50 0 0 5 10 VGS 15 20 Cu Br
Fig a. Single Event Effect, Safe Operating Area
For footnotes refer to the last page
www.irf.com
3
IRHN9250, JANSR2N7423U
Pre-Irradiation
100
-I D , Drain-to-Source Current (A)
-5.0V
-I D , Drain-to-Source Current (A)
VGS -15V -12V -10V -9.0V -8.0V -7.0V -6.0V BOTTOM -5.0V TOP
100
VGS -15V -12V -10V -9.0V -8.0V -7.0V -6.0V BOTTOM -5.0V TOP
-5.0V
10 1
20s PULSE WIDTH T = 25 C
J 10 100
10 1 10
20s PULSE WIDTH T = 150 C
J 100
-VDS , Drain-to-Source Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
3.0
ID = -14A
R DS(on) , Drain-to-Source On Resistance (Normalized)
-I D , Drain-to-Source Current (A)
2.5
TJ = 25 C TJ = 150 C
2.0
1.5
1.0
0.5
10 5 6
V DS = -50V 20s PULSE WIDTH 7 8
0.0 -60 -40 -20
VGS = -12V -10V
0 20 40 60 80 100 120 140 160
-VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs.Temperature
4
www.irf.com
Pre-Irradiation
IRHN9250, JANSR2N7423U
8000
-VGS , Gate-to-Source Voltage (V)
C, Capacitance (pF)
6000
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
20
ID = -14 A
16
VDS =-160V VDS = 100V VDS =-40V
Ciss
4000
12
C oss
2000
8
C rss
0 1 10 100
4
0 0 50
FOR TEST CIRCUIT SEE FIGURE 13
150 100 200
-VDS , Drain-to-Source Voltage (V)
Q G , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
1000
-ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY R
DS(on)
10
TJ = 25 C
-ID , Drain Current (A) I
TJ = 150 C
100
100us
10
1
1ms
0.1 0.0
V GS = 0 V
0.5 1.0 1.5 2.0 2.5 3.0 3.5
1
TC = 25 C TJ = 150 C Single Pulse
10 100
10ms
1000
-VSD ,Source-to-Drain Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
www.irf.com
5
IRHN9250, JANSR2N7423U
Pre-Irradiation
15
VDS VGS
RD
12
D.U.T.
+
-ID , Drain Current (A)
9
VGS
Pulse Width 1 s Duty Factor 0.1 %
6
Fig 10a. Switching Time Test Circuit
3
VGS 10%
td(on) tr t d(off) tf
0 25 50 75 100 125 150
TC , Case Temperature ( C)
90% VDS
Fig 9. Maximum Drain Current Vs. CaseTemperature
Fig 10b. Switching Time Waveforms
10
Thermal Response (Z thJC )
1 D = 0.50 0.20 0.10 0.1 0.05 0.02 0.01
SINGLE PULSE (THERMAL RESPONSE) 0.001 0.01
0.01 0.0001
Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.1 1
P DM t1 t2
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
6
www.irf.com
-
RG
V DD
Pre-Irradiation
IRHN9250, JANSR2N7423U
VDS
L
1200
EAS , Single Pulse Avalanche Energy (mJ)
RG
D .U .T IA S D R IV E R
0 .0 1
VD D A
1000
VGS -2 0 V
TOP BOTTOM ID -6.3A -8.9A -14A
tp
800
600
15V
400
Fig 12a. Unclamped Inductive Test Circuit
200
IAS
0 25 50 75 100 125 150
Starting T J, Junction Temperature
( C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
tp V (BR)DSS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
-12V 12V
.2F .3F
-12V
QGS VG QGD
VGS
-3mA
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
www.irf.com
+
D.U.T.
-
VDS
7
IRHN9250, JANSR2N7423U
Pre-Irradiation
Foot Notes:
Repetitive Rating; Pulse width limited by
maximum junction temperature. VDD = -50V, starting TJ = 25C, L= 5.1mH Peak IL = -14A, VGS = -12V ISD -14A, di/dt -600A/s, VDD -200V, TJ 150C
Pulse width 300 s; Duty Cycle 2% Total Dose Irradiation with VGS Bias.
-12 volt VGS applied and VDS = 0 during irradiation per MIL-STD-750, method 1019, condition A. Total Dose Irradiation with VDS Bias. -160 volt VDS applied and VGS = 0 during irradiation per MlL-STD-750, method 1019, condition A.
Case Outline and Dimensions -- SMD-1
PAD ASSIGNMENTS
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. Data and specifications subject to change without notice. 06/03
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRHN93250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X